Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1720-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM1720-34HS
Description  1700-2000 MHz 3 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1720-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1720-34HS
1700-2000 MHz
3 Watt Linear Power Amplifier
FOR PCS APPLICATIONS
Parameter
Specification
Frequency Range
1700 - 2000 MHz
Pout (P1dB)
+ 34 dBm
Third Order Intercept
Point
+ 47 dBm (typ.)
Linear Gain
33 dB ± 1.0 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return
Loss
-16 dB / -16dB
DC Input Voltage
+12 Volts (+10 V
available)
DC Input Current
1.2 Amps (typ.)
1.4 Amps (max.)
Mechanical Dimensions
4.7x2.0x.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1720-34HS is a solid state GaAs
amplifier designed primarily for the PCS
(Personal
Communications
Systems)
market. This amplifier operates from 1700-
2000 MHz, provides 33 dB of gain, ± 0.5
dB gain flatness over the full band, and +34
dBm
of
output
power
at
the
1
dB
compression
point.
This
highly
linear
design provides an output third order
intercept point of + 47 dBm. The amplifier
operates off a single supply of +12V (+10V
available as an option) and 1.2 A typical.
The unit uses the latest surface mount
technologies to provide numerous features,
while maintaining a very small size.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Heatsink
• Single DC Supply of +10V


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn