Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB706D-40 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SB706D-40
Description  SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB706D-40 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB706D-40 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB706D-40 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 04/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SB706D-40
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
For low current rectification
Features
• High reliability
• Low reverse current
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Rectified Forward Current
IO
30
mA
Peak Forward Surge Current ( t = 8.3 ms)
IFSM
200
mA
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 1 mA
VF
-
-
0.37
V
Reverse Current
at VR = 10 V
IR
-
-
1
µA
Reverse Breakdown Voltage
at IR = 10 µA
V(BR)R
45
-
-
V
Capacitance between Terminals
at VR = 1 V, f = 1 MHz
CT
-
2
-
pF
Marking Code: "ZE"
SOT-23 Plastic Package
3
1
2


Similar Part No. - SB706D-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SB70 PHILIPS-SB70 Datasheet
59Kb / 8P
   Schottky barrier diode
1998 Jul 16
SB70 NXP-SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
ABC Taiwan Electronics ...
SB7030100ML ABC-SB7030100ML Datasheet
2Mb / 7P
   SMD POWER INDUCTOR
SB7030101KL ABC-SB7030101KL Datasheet
2Mb / 7P
   SMD POWER INDUCTOR
SB7030102KL ABC-SB7030102KL Datasheet
2Mb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB706D-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
   Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20S60 TOSHIBA-CUHS20S60 Datasheet
246Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com