Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1025-36MQ2 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM1025-36MQ2
Description  1000-2500 MHz 4 Watt Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1025-36MQ2 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1025-36MQ2
1000-2500 MHz
4 Watt Linear Power Amplifier
DIMENSIONS IN INCHES
MMCX CONNECTORS SHOWN
ON/OFF
RF OUTPUT
RF INPUT
+12 V
GND
Pin
Description
Values
RF Input
Input Connector (MMCX)
+26 dBm for drive to P1dB
RF Output
Output Connector (MMCX)
+ 36 dBm @ P1dB
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 0.7 Amps


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM1025-36DMQ21000-2500 MHz 4 Watt Linear Power Amplifier 1 2 3 4 Stealth Microwave, Inc.
SM0520-36500-2000 MHz 4 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM08010-37HS800-1000 MHz 5 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0822-39800-2200 MHz 8 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0825-33800-2500 MHz 2 Watt Linear Power Amplifier 1 2 3 4 Stealth Microwave, Inc.
SM0825-36800-2500 MHz 4 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0825-40800-2500 MHz 10 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0825-40Q800-2500 MHz 10 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM1011-4310700-11700 MHz X Watt Linear Power Amplifier 1 2 Stealth Microwave, Inc.
SKY651051700 - 2200 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn