Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4728 Datasheet(PDF) 8 Page - Motorola, Inc

Part # 1N4728
Description  One Watt Hermetically Sealed Glass Silicon Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N4728 Datasheet(HTML) 8 Page - Motorola, Inc

  1N4728 Datasheet HTML 1Page - Motorola, Inc 1N4728 Datasheet HTML 2Page - Motorola, Inc 1N4728 Datasheet HTML 3Page - Motorola, Inc 1N4728 Datasheet HTML 4Page - Motorola, Inc 1N4728 Datasheet HTML 5Page - Motorola, Inc 1N4728 Datasheet HTML 6Page - Motorola, Inc 1N4728 Datasheet HTML 7Page - Motorola, Inc 1N4728 Datasheet HTML 8Page - Motorola, Inc 1N4728 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GENERAL DATA — 1–1.3 WATT DO-41 GLASS
Motorola TVS/Zener Device Data
6-27
1–1.3 Watt DO-41 Glass Data Sheet
1–1.3 Watt DO-41 Glass
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Zener Voltage Regulator Diodes — Axial Leaded
CASE 59-03
DO-41
GLASS
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
6K
Type No. Suffix
RL, RL2
MPQ (Units)
Tape and Ammo
TA, TA2
4K
NOTES:
1. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO-41 OUTLINE SHALL APPLY.
2. POLARITY DENOTED BY CATHODE BAND.
3. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
K
K
F
A
F
D
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
4.07
2.04
0.71
27.94
5.20
2.71
0.86
1.27
0.160
0.080
0.028
1.100
0.205
0.107
0.034
0.050
A
B
D
F
K
B
NOTE: 1. The “2” suffix refers to 26 mm tape spacing.
NOTE 4. ZENER IMPEDANCE (ZZ) DERIVATION


Similar Part No. - 1N4728

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Yangzhou yangjie electr...
1N4728 YANGJIE-1N4728 Datasheet
116Kb / 3P
   Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4728 SEMTECH_ELEC-1N4728 Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
977Kb / 3P
   1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Semtech Corporation
1N4728 SEMTECH-1N4728 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4728

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
logo
ON Semiconductor
MZ4614 ONSEMI-MZ4614 Datasheet
117Kb / 8P
   500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4614 NJSEMI-1N4614 Datasheet
196Kb / 1P
   400 MILLIWATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com