Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBTH10WT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBTH10WT1G
Description  VHF/UHF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTH10WT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBTH10WT1G Datasheet HTML 1Page - Leshan Radio Company LMBTH10WT1G Datasheet HTML 2Page - Leshan Radio Company LMBTH10WT1G Datasheet HTML 3Page - Leshan Radio Company LMBTH10WT1G Datasheet HTML 4Page - Leshan Radio Company LMBTH10WT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBTH10WT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
60
270—
(I C = 4.0 mAdc, V CE = 10 Vdc)
Collector–Emitter Saturation Voltage
VCE(sat)
0.5
Vdc
(I C = 4.0mAdc, I B = 0.4 mAdc)
Base–Emitter On Voltage
V BE
0.95
Vdc
(I C = 4.0mAdc, V CE = 10Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current Gain–Bandwidth Product
f
T
650
MHz
(V CE = 10 Vdc, I C = 4.0mAdc, f = 100MHz)
Collector –Base Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C cb
0.7
pF
Collector –Base Feedback Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C rb
0.65
pF
Collector Base Time Constant
rb’ C C
9.0
ps
( I C = 4.0mAdc,V CB=10 Vdc, f = 31.8 MHz)
Ordering Information
Device
Marking
Shipping
LMBTH10WT1G
3E
3000/Tape&Reel
LMBTH10WT3G
3E
10000/Tape&Reel
2/5


Similar Part No. - LMBTH10WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTH10WT1G LRC-LMBTH10WT1G Datasheet
494Kb / 7P
   VHF/UHF Transistors RoHS requirements.
LMBTH10WT1G LRC-LMBTH10WT1G_11 Datasheet
494Kb / 7P
   VHF/UHF Transistors RoHS requirements.
LMBTH10WT1G LRC-LMBTH10WT1G_15 Datasheet
502Kb / 7P
   VHF/UHF Transistors
More results

Similar Description - LMBTH10WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
   VHF/UHF Transistors
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
   VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
   VHF/UHF Transistors
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
   VHF/UHF Transistors
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors
logo
Leshan Radio Company
LMBTH10QLT1 LRC-LMBTH10QLT1 Datasheet
148Kb / 5P
   VHF/UHF Transistors
LMBTH10WT1 LRC-LMBTH10WT1 Datasheet
181Kb / 5P
   VHF/UHF Transistors
LMBTH10WT1G LRC-LMBTH10WT1G_15 Datasheet
502Kb / 7P
   VHF/UHF Transistors
logo
Daya Electric Group Co....
MPSH10 DAYA-MPSH10 Datasheet
47Kb / 4P
   VHF/UHF Transistors
logo
Leshan Radio Company
LMBTH10LT1G LRC-LMBTH10LT1G_15 Datasheet
226Kb / 5P
   VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com