Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT6428LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT6428LT1G
Description  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6428LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT6428LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
1/5
2
EMITTER
3
COLLECTOR
1
BASE
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
50
45
Vdc
Collector–Base Voltage
V CBO
60
55
Vdc
Emitter–Base Voltage
V EBO
6.0
Vdc
Collector Current — Continuous
I C
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
LMBT6428LT1G = 1KM, LMBT6429LT1G = 1L
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B = 0)
LMBT6428LT1G
50
(I C = 1.0 mAdc, I B = 0)
LMBT6429LT1G
45
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = 0.1mAdc, I E = 0)
LMBT6428LT1G
60
(I C = 0.1mAdc, I E = 0)
LMBT6429LT1G
55
Collector Cutoff Current
I CBO
µAdc
( V CE = 30Vdc, )
0.1
Collector Cutoff Current
I CBO
µAdc
( V CB = 30Vdc, I E = 0 )
0.01
Emitter Cutoff Current
I EBO
0.01
µAdc
( V EB = 5.0Vdc, I C= 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
6428LT1 6429LT1
1
3
2
LMBT6428LT1G
LMBT6429LT1G
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
LMBT6428LT1G
1KM
3000/Tape & Reel
Device
Marking
Shipping
1KM
10000/Tape & Reel
LMBT6429LT1G
1L
LMBT6429LT3G
1L
10000/Tape & Reel
ORDERING INFORMATION
3000/Tape & Reel
LMBT6428LT3G
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6428LT1G LRC-LMBT6428LT1G Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_15 Datasheet
288Kb / 5P
   Amplifier Transistors
More results

Similar Description - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com