Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM0825-36 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM0825-36
Description  800-2500 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM0825-36 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-36/36H
800-2500 MHz
4 Watt Linear Power Amplifier
FOR WIDEBAND & LAB APPLICATIONS
DIMENSIONS IN INCHES
GND
RF INPUT
INCORPORATED
ON/OFF
+12VDC
RF OUTPUT
Made in USA
DIMENSIONS WITH HEATSINK
+1 2 V D C
RF IN P U T
GN D
ON/ O F F
IN C O R P O R A T E D
RF O U T P U T
Ma d e in U S A


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM0825-33800-2500 MHz 2 Watt Linear Power Amplifier 1 2 3 4 Stealth Microwave, Inc.
SM0520-36500-2000 MHz 4 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM08010-37HS800-1000 MHz 5 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0822-39800-2200 MHz 8 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SKY651051700 - 2200 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
SPA-12181960 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
CHV2707-QJ700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
SM2560-47GN2500 - 6000 MHz 50 Watt Power Amplifier 1 2 Stealth Microwave, Inc.
SKY65116390-500 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn