Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM0825-36 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM0825-36
Description  800-2500 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM0825-36 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-36/36H
800-2500 MHz
4 Watt Linear Power Amplifier
FOR WIDEBAND & LAB APPLICATIONS
Parameter
Specification
Frequency Range
800 – 2500 MHz
Pout (P1dB)
+ 36 dBm (min.)
Third Order Intercept
Point
+ 48 dBm (min.)
Linear Gain
20 dB ± 1.0 dB (-36)
34 dB ± 1.0 dB (-36H)
Gain Flatness over
Full Band
± .75 dB
Input/Output Return Loss
-11 dB / -14 dB
DC Input Voltage
+ 12 Volts
DC Input Current
1.9 Amperes (typ.)
Mechanical Dimensions
(Without Heatsink)
5.0 x 2.5 x .6 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Model SM0825-36/36H is an 800 to 2500
MHz solid state GaAs amplifier designed
for multi-purpose use in the wireless
markets. With 1.7 GHz of bandwidth,
this small amplifier can be used in AMPS,
GSM,
DCS1800,
ISM,
WLL,
PCS,
UMTS, and IMT200 applications. This
module provides +36 dBm of output
power at P1dB, and OIP3 of +48 dBm.
Two versions are available, the -36, with
20 dB of linear gain, and the -36H, with
35 dB of linear gain. The gain flatness
over the full band is ± 0.75 dB. It comes
standard in modular form with four (4)
thru-holes for mounting.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Logic On/Off Control
• High Temp Turn Off
• 13 Reverse
• Integral Heatsink
Configurations
• Module
• Laboratory Unit
• 19” Rack


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM0825-33800-2500 MHz 2 Watt Linear Power Amplifier 1 2 3 4 Stealth Microwave, Inc.
SM0520-36500-2000 MHz 4 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM08010-37HS800-1000 MHz 5 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SM0822-39800-2200 MHz 8 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SKY651051700 - 2200 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
SPA-12181960 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
CHV2707-QJ700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
SM2560-47GN2500 - 6000 MHz 50 Watt Power Amplifier 1 2 Stealth Microwave, Inc.
SKY65116390-500 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn