Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM08010-37HS Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM08010-37HS
Description  800-1000 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM08010-37HS Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08010-37HS
800-1000 MHz
5 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
DIMENSIONS IN INCHES
ON/OFF
+VDC
GND
RF INPUT
RF OUTPUT
INCORPORATED
Made in USA
HEATSINK OPTION
ON/OFF
+12VDC
GND
RF INPUT
RF OUTPUT
INCORPORATED
Made in USA


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM0520-36500-2000 MHz 4 Watt Linear Power Amplifier 1 2 3 Stealth Microwave, Inc.
SKY65119700 - 800 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
SPA-13182150 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
SPA-2118850 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 MoreSIRENZA MICRODEVICES
SKY651051700 - 2200 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
SPA-12181960 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
CHV2707-QJ700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
SM2560-47GN2500 - 6000 MHz 50 Watt Power Amplifier 1 2 Stealth Microwave, Inc.
SKY65116390-500 MHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn