Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBD7000WT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBD7000WT1G
Description  Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD7000WT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBD7000WT1G Datasheet HTML 1Page - Leshan Radio Company LMBD7000WT1G Datasheet HTML 2Page - Leshan Radio Company LMBD7000WT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
100
µH
0.1
µF
DUT
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC)
= 1.0 mA)
INPUTSIGNAL
I
F
V
R
10
1.0
0.1
0.01
0.001
010
20
30
40
50
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
T A= –40°C
TA = 85°C
T A = 25°C
T A =125°C
T A =150°C
T A =85°C
T A =55°C
T A =25°C
0.68
0.64
0.60
0.56
0.52
0
2.0
4.0
6.0
8.0
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
CURVES APPLICABLE TO EACH CATHODE
LESHAN RADIO COMPANY, LTD.
2/3
LMBD7000WT1G


Similar Part No. - LMBD7000WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBD7000LT1 LRC-LMBD7000LT1 Datasheet
113Kb / 3P
   Dual Switching Diode
LMBD7000LT1G LRC-LMBD7000LT1G Datasheet
113Kb / 3P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
LMBD7000LT3G LEIDITECH-LMBD7000LT3G Datasheet
681Kb / 4P
   Dual Switching Diode
More results

Similar Description - LMBD7000WT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com