Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGSOT05CLT1G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LGSOT05CLT1G
Description  Dual Transient Voltage Suppressors Array for ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LGSOT05CLT1G Datasheet(HTML) 7 Page - Leshan Radio Company

  LGSOT05CLT1G Datasheet HTML 1Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 2Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 3Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 4Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 5Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 6Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Shipment Specification
10 Reel
12 Inner Box/Carton
360KPCS/Carton
Dim(Unit:mm)
Dim(Unit:mm)
10Reel/Inner Box
30KPCS/Inner Box
LABEL
CPN
LABEL
LABEL
LABEL
乐山无线电股份有限公司
Leshan Radio Company,Ltd.
MARK
195mm*195mm*150mm
460mm*400mm*420mm
8000PCS/Reel (SOT-723,SOD-723,SOD-923)
3000PCS/Reel
80KPCS/Inner Box (SOT-723,SOD-723,SOD-923)
960KPCS/Carton (SOT-723,SOD-723,SOD-923)
LESHAN RADIO COMPANY, LTD.
7/7


Similar Part No. - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
559Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Guangdong Youtai Semico...
LGSOT05CLT1G UMW-LGSOT05CLT1G Datasheet
624Kb / 3P
   The LGSOT05CLT1G is a dual monolithic voltage suppressordesigned to protect components
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G_11 Datasheet
559Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
Leshan Radio Company
LGSOT04CLT1G LRC-LGSOT04CLT1G Datasheet
515Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SOTXXC WILLAS-SOTXXC Datasheet
354Kb / 4P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT12CLT1G LRC-LGSOT12CLT1G Datasheet
539Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
SM12L LEIDITECH-SM12L Datasheet
566Kb / 3P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT08CLT1G LRC-LGSOT08CLT1G Datasheet
535Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESOTA03C WILLAS-SESOTA03C Datasheet
270Kb / 3P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G_11 Datasheet
559Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
First Silicon Co., Ltd
FTV05CAS FS-FTV05CAS Datasheet
260Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com