Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT573NSR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVT573NSR
Description  3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT573NSR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVT573NSR Datasheet HTML 1Page - Texas Instruments SN74LVT573NSR Datasheet HTML 2Page - Texas Instruments SN74LVT573NSR Datasheet HTML 3Page - Texas Instruments SN74LVT573NSR Datasheet HTML 4Page - Texas Instruments SN74LVT573NSR Datasheet HTML 5Page - Texas Instruments SN74LVT573NSR Datasheet HTML 6Page - Texas Instruments SN74LVT573NSR Datasheet HTML 7Page - Texas Instruments SN74LVT573NSR Datasheet HTML 8Page - Texas Instruments SN74LVT573NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54LVT573, SN74LVT573
3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS138D – MAY 1992 – REVISED JULY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVT573
SN74LVT573
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VCC = MIN to MAX‡, IOH = –100 µA
VCC – 0.2
VCC – 0.2
VOH
VCC = 2.7 V,
IOH = – 8 mA
2.4
2.4
V
VOH
VCC =3V
IOH = – 24 mA
2
V
VCC = 3 V
IOH = – 32 mA
2
VCC =2 7V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC =3V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 0 or MAX‡,
VI = 5.5 V
50
10
II
V3 6 V
VI = VCC or GND
Control
inputs
±1
±1
µA
I
VCC = 3.6 V
VI = VCC
Data inputs
1
1
µ
VI = 0
Data inputs
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
II(h ld)
VCC =3V
VI = 0.8 V
Data inputs
75
75
µA
II(hold)
VCC = 3 V
VI = 2 V
Data inputs
–75
–75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
1
1
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–1
–1
µA
Outputs high
0.13
0.39
0.13
0.19
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
8.6
14
8.6
12
mA
ICC
VI = VCC or GND
Outputs
disabled
0.13
0.39
0.13
0.19
mA
∆ICC§
VCC = 3 V to 3.6 V,
One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.3
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Co
VO = 3 V or 0
8
8
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVT573
SN74LVT573
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
3.3
3.3
ns
tsu
Setup time, data before LE
1
0.9
0.7
0.6
ns
th
Hold time, data after LE
1.8
2
1.6
1.8
ns


Similar Part No. - SN74LVT573NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT574 TI-SN74LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVT574 TI-SN74LVT574 Datasheet
460Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVT574DB TI-SN74LVT574DB Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVT574DBLE TI-SN74LVT574DBLE Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVT574DBLE TI-SN74LVT574DBLE Datasheet
460Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT573NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_08 Datasheet
642Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573 TI-SN74LVTH573 Datasheet
449Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL TRANSPARENT D TYPE LATCHES WITH 3 STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com