Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

652-105-75 Datasheet(PDF) 1 Page - Marl International Limited

Part # 652-105-75
Description  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

652-105-75 Datasheet(HTML) 1 Page - Marl International Limited

  652-105-75 Datasheet HTML 1Page - Marl International Limited 652-105-75 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Each product will operate over a wide voltage
input range
Black anodised aluminium housing
180° viewing angle
Full internal potting to resist shock and vibration
Sealed to IP67
True Bi-polar product
PROFESSIONAL LED INDICATORS Ø12.7mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 069/07 Issue 2
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
652 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 2
^ = Products must be derated according to the derating information. Each derating
graph refers to specific LEDs.
PART NUMBER COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
652-105-63
Red
Colour Diffused 12-28
6-16
100
627
-40 ~ +85^
-40 ~ +85
Yes
652-102-63
Red (GaAlAs)
Colour Diffused 12-28
6-16
450
660
-40 ~ +85^
-40 ~ +85
Yes
652-111-63
Yellow
Colour Diffused 12-28
6-16
50
590
-40 ~ +85^
-40 ~ +85
Yes
652-114-63
Green
Colour Diffused 12-28
6-16
60
565
-40 ~ +85^
-40 ~ +85
Yes
652-105-75
Red
Colour Diffused 110Vac
6
100
627
-40 ~ +85^
-40 ~ +85
Yes
652-102-75
Red (GaAlAs)
Colour Diffused 110Vac
6
450
660
-40 ~ +85^
-40 ~ +85
Yes
652-111-75
Yellow
Colour Diffused 110Vac
6
50
590
-40 ~ +85^
-40 ~ +85
Yes
652-114-75
Green
Colour Diffused 110Vac
6
60
565
-40 ~ +85^
-40 ~ +85
Yes
UNITS
Vac/Vdc mA
mcd
nm
°C
°C
HIGH INTENSITY
105,102,111 & 114


Similar Part No. - 652-105-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
652-105-75 MARL-652-105-75 Datasheet
406Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
652-105-75 MARL-652-105-75 Datasheet
407Kb / 4P
   high performance panel lamps
652-105-75 MARL-652-105-75 Datasheet
407Kb / 4P
   Colour diffused lens with an 180쨘 viewing angle
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   high performance panel lamps
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
More results

Similar Description - 652-105-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-21 MARL-514-105-21 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com