Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESDA25VLT1G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LESDA25VLT1G
Description  Dual transil array for ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESDA25VLT1G Datasheet(HTML) 7 Page - Leshan Radio Company

  LESDA25VLT1G Datasheet HTML 1Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 2Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 3Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 4Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 5Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 6Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Shipment Specification
10 Reel
12 Inner Box/Carton
360KPCS/Carton
Dim(Unit:mm)
Dim(Unit:mm)
10Reel/Inner Box
30KPCS/Inner Box
LABEL
CPN
LABEL
LABEL
LABEL
乐山无线电股份有限公司
Leshan Radio Company,Ltd.
MARK
195mm*195mm*150mm
460mm*400mm*420mm
8000PCS/Reel (SOT-723,SOD-723,SOD-923)
3000PCS/Reel
80KPCS/Inner Box (SOT-723,SOD-723,SOD-923)
960KPCS/Carton (SOT-723,SOD-723,SOD-923)
LESHAN RADIO COMPANY, LTD.
7/7


Similar Part No. - LESDA25VLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA25LT1G LRC-LESDA25LT1G Datasheet
619Kb / 7P
   Dual transil array for ESD protection
More results

Similar Description - LESDA25VLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
   DUAL TRANSIL ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
   Dual Transil??array for ESD protection
July 2017 Rev 5
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
   Automotive dual Transil array for ESD protection
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
   Dual Transil™ array for ESD protection
Rev 1 October 2017
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
   Automotive dual Transil array for ESD protection
February 2012 Rev 1
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com