Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESDA25VLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LESDA25VLT1G
Description  Dual transil array for ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESDA25VLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LESDA25VLT1G Datasheet HTML 1Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 2Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 3Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 4Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 5Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 6Page - Leshan Radio Company LESDA25VLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Electrical Characteristics
VBR
VF
Rd
αT
C
Min.
Max.
IR
VRM
IRM
Max.
IF
Typ.
(1)
Max.
(2)
Typ. 0v bias
Part Numbers
v
v
mA
v
µA
v
mA
10
-4/°C
pF
5.3
5.9
1
3
2
1.25
200
280
5
220
6.1
7.2
1
5.25
20
1.25
200
350
6
140
14.2
15.8
1
12
5
1.25
200
650
10
90
25
30
1
24
1
1.2
10
1000
10
50
1.
Square pulse IPP=15A,tp=2.5µs 2.△VBR=aT*(Tamb-25°C)*VBR(25°C)
Fig1.Peak power dissipation versus
Fig2. Peak pulse power versus exponential
Initial junction temperature
pulse duration(Tj initial=25°C)
LESDA5V3LT1G
LESDA6V1LT1G
LESDA14V2LT1G
LESDA25VLT1G
Typical Characteristics
LESHAN RADIO COMPANY, LTD.
LESDA25VLT1G
2/7


Similar Part No. - LESDA25VLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA25LT1G LRC-LESDA25LT1G Datasheet
619Kb / 7P
   Dual transil array for ESD protection
More results

Similar Description - LESDA25VLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
   DUAL TRANSIL ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
   Dual Transil??array for ESD protection
July 2017 Rev 5
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
   Automotive dual Transil array for ESD protection
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
   Dual Transil™ array for ESD protection
Rev 1 October 2017
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
   Automotive dual Transil array for ESD protection
February 2012 Rev 1
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com