Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWD2241 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWD2241
Description  SP3T RF SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWD2241 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWD2241 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SP3T RF SWITCH
Package: DP - 10, 16 Pin DIP Package
MODEL
TWD2241
Features
!
!
!
!
! 5 - 2000 MHz
!
!
!
!
! Fast Switching Speed: 20 ns Typical (GaAs)
!
!
!
!
! Integral TTL Driver
!
!
!
!
! OperatingTemp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental ScreeningAvailable
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage ................................................................... +70 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
DC Bias
Vdc
+5V
+5 Max.
mA
0.5
1.0 Max.
VSWR
1.5:1
2.0:1 Max.
Switching Speed (ns)
Frequency
5 - 2000 MHz
5 - 2000 MHz
1dB Compression (dBm)
0.05 GHz
21
0.5-2 GHz
27
Isolation (dB)
50
35 Min.
Insertion Loss (dB)
1.2
1.8 Max.
I
ntercept Points (dBm)
IP2
IP3
0.05 GHz
+65
+40
0.5 - 2 GHz
+68
+46
Rev.
9/17/08
20
25 Max.
and Connectorized Housings
Transients
80
Insertion Loss (dB)
Input VSWR
Isolation (dB)
Output VSWR
2.0
1.0
0
2.0
1.5
1.0
Start 5 MHz
Stop 2.0 GHz
Start 5 MHz
Stop 2.0 GHz
100
60
20
2.0
1.5
1.0
80
40
Start 5 MHz
Stop 2.0 GHz
Start 5 MHz
Stop 2.0 GHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD2241

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2241 APITECH-TWD2241 Datasheet
206Kb / 1P
   SP3T RF SWITCH MODEL
More results

Similar Description - TWD2241

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
   SP3T RF SWITCH
TWH5016 SPECTRUM-TWH5016 Datasheet
55Kb / 1P
   SP3T RF SWITCH
logo
Mini-Circuits
JSW3-23DR-75 MINI-JSW3-23DR-75 Datasheet
384Kb / 7P
   SP3T RF Switch
JSW3-272DR MINI-JSW3-272DR Datasheet
380Kb / 7P
   SP3T RF Switch
logo
API Technologies Corp
TWD2300 APITECH-TWD2300 Datasheet
72Kb / 1P
   SP3T RF SWITCH MODEL
logo
Infineon Technologies A...
BGS13SL9 INFINEON-BGS13SL9 Datasheet
2Mb / 14P
   Wideband RF SP3T Switch
Revision 2.4, 2014-05-27
BGS13S2N9 INFINEON-BGS13S2N9 Datasheet
1Mb / 14P
   Wideband RF SP3T Switch
Revision 1.0 - 2016-02-02
logo
API Technologies Corp
TWH5016 APITECH-TWH5016 Datasheet
183Kb / 1P
   SP3T RF SWITCH MODEL
TWP2248 APITECH-TWP2248 Datasheet
192Kb / 1P
   SP3T RF SWITCH MODEL
logo
Infineon Technologies A...
BGS13S4N9 INFINEON-BGS13S4N9 Datasheet
1Mb / 14P
   Wideband RF SP3T Switch
Revision 1.0 - 2016-04-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com