Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWD2206 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWD2206
Description  SPDT RF SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWD2206 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWD2206 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPDT RF SWITCH
Package: 14 Pin DIP (DP3)
MODEL
TWD2206
Also Available In: Connectorized Housings
Features
!
!
!
!
! 5 - 4000 MHz
!
!
!
!
! RF1,RF2 Terminated in ‘OFF’ State
!
!
!
!
! Integral CMOS Driver
!
!
!
!
! OperatingTemp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental ScreeningAvailable
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .................................................................. +6.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each
DC Bias (mA)
0.025
1.0 Max.
VSWR “ON”/”OFF”
5 - 1000 MHz
1.25:1
1.5:1 Max.
5 - 2000 MHz
1.6:1
2.0:1 Max.
Switching Speed (ns)
Frequency
5 - 3000 MHz
5 - 3000 MHz
1dB Compression (dBm)
50 MHz
+18.5
+18.0 Min.
500 - 3000 MHz
+24.0
+22.0 Min.
Isolation (dB)
Insertion Loss (dB)
5 - 1000 MHz
1.5
1.8 Max.
5 - 2000 MHz
1.9
2.2 Max.
(50% TTL to 90% RF)
60
70 Max.
Rev.
3/28/08
5 - 3000 MHz
2.5
2.8 Max.
5 - 1000 MHz
65
60 Min.
5 - 2000 MHz
55
50 Min.
5 - 3000 MHz
32
30 Min.
5 - 3000 MHz
1.6:1
2.0:1 Max.
(4.5 to 5.5 VDC)
4.0
2.0
0
20
80
40
2.0
1.5
1.0
2.0
1.5
1.0
Start 5 MHz
Start 5 MHz
Stop 4.0 GHz
Start 5 MHz
Stop 4.0 GHz
Start 5 MHz
100
60
Insertion Loss (dB)
Isolation (dB)
“ON” VSWR
“OFF” VSWR
Stop 4.0 GHz
Stop 4.0 GHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD2206

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2206 APITECH-TWD2206 Datasheet
206Kb / 1P
   SPDT RF SWITCH MODEL
More results

Similar Description - TWD2206

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com