Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511-997-22-15 Datasheet(PDF) 3 Page - Marl International Limited

Part # 511-997-22-15
Description  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

511-997-22-15 Datasheet(HTML) 3 Page - Marl International Limited

  511-997-22-15 Datasheet HTML 1Page - Marl International Limited 511-997-22-15 Datasheet HTML 2Page - Marl International Limited 511-997-22-15 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 035/06 Issue 4
DERATING INFORMATION
ALSO AVAILABLE
501 & 521
532, 930 & 997
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
511-501-04
Red
20mA
511-501-04-15 Red
20mA
511-501-13
Red
20mA DC RP
511-501-22
Red
24 Vdc
511-501-22-15 Red
24 Vdc
511-501-22-19 Red
24 Vdc
511-501-24
Red
48 Vdc
511-501-25
Red
110 Vdc
511-501-41
Red
8 Vdc
511-501-48
Red
60 Vdc
511-501-53
Red
50 Vdc
511-501-72
Red
24 Vac
511-501-75
Red
110 Vac
511-501-75-13 Red
110 Vac
511-501-75-15 Red
110 Vac
511-501-76
Red
230 Vac
511-501-76-15 Red
230 Vac
511-503-22
Red
24 Vdc
511-503-23
Red
28 Vdc
511-503-72
Red
24 Vac
511-503-75
Red
110 Vac
511-503-76-15 Red
230 Vac
511-509-22
Yellow
24 Vdc
511-509-24
Yellow
48 Vdc
511-509-55
Yellow
130 Vdc
511-509-72
Yellow
24 Vac
511-509-75
Yellow
110 Vac
511-509-76-15 Yellow
230 Vac
511-512-22
Green
24 Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
511-512-23
Green
28 Vdc
511-512-25
Green
110 Vdc
511-512-72
Green
24 Vac
511-512-75
Green
110 Vac
511-512-76-15 Green
230 Vac
511-521-04
Yellow
20mA
511-521-04-15 Yellow
20mA
511-521-22
Yellow
24 Vdc
511-521-22-15 Yellow
24 Vdc
511-521-24
Yellow
48 Vdc
511-521-41
Yellow
8 Vdc
511-521-48
Yellow
60 Vdc
511-521-72
Yellow
24 Vac
511-521-75
Yellow
110 Vac
511-521-75-15 Yellow
110 Vac
511-521-76-15 Yellow
230 Vac
511-523-22
Red
24 Vdc
511-532-04
Green
20mA
511-532-04-15 Green
20mA
511-532-22
Green
24 Vdc
511-532-22-15 Green
24 Vdc
511-532-23-51 Green
28 Vdc
511-532-24
Green
48 Vdc
511-532-25
Green
110 Vdc
511-532-25-11 Green
10mA
511-532-26-15 Green
230 Vdc
511-532-41
Green
8 Vdc
511-532-46
Green
35 Vdc
511-532-46-50 Green
60 Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
511-532-48
Green
60 Vdc
511-532-72
Green
24 Vac
511-532-75
Green
110 Vac
511-532-76-15 Green
230 Vac
511-532-77-15 Green
125 Vac
511-582-20-50 Yellow
5/6 Vdc
511-805-22
Red
24 Vdc
511-811-22
Yellow
24 Vdc
511-814-22
Green
24 Vdc
511-930-22
Blue
24 vdc
511-930-22-15 Blue
24 Vdc
511-930-24
Blue
48 Vdc
511-930-25
Blue
110 Vdc
511-930-48
Blue
60 Vdc
511-997-04-50 White
20mA
511-997-22
White
24 Vdc
511-997-22-15 White
24 Vdc
511-997-24
White
48 Vdc
511-997-25
White
110 Vdc
511-997-48
White
60 Vdc
511-997-53
White
50 Vdc
511-997-75
White
110 Vac
511-997-75-15 White
110 Vac
511-997-76-15 White
230 Vac
UNITS
SAMPLES AVAILABLE
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
Part numbers also available in the 511 Series:


Similar Part No. - 511-997-22-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
511-997-21 MARL-511-997-21 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511-997-21 MARL-511-997-21 Datasheet
432Kb / 5P
   industrial panel lamps
511-997-23 MARL-511-997-23 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511-997-23 MARL-511-997-23 Datasheet
432Kb / 5P
   industrial panel lamps
511-997-24 MARL-511-997-24 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
More results

Similar Description - 511-997-22-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-21 MARL-514-105-21 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com