Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

524-532-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 524-532-04
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

524-532-04 Datasheet(HTML) 3 Page - Marl International Limited

  524-532-04 Datasheet HTML 1Page - Marl International Limited 524-532-04 Datasheet HTML 2Page - Marl International Limited 524-532-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 011/06 Issue 4
DERATING INFORMATION
ALSO AVAILABLE
501 & 521
532, 930 & 997
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
524-501-04
Red
20mA
524-501-04-15 Red
20mA
524-501-20
Red
5/6 VDC
524-501-20-22 Red
5/6 VDC
524-501-21-15 Red
12 VDC
524-501-22
Red
24 VDC
524-501-22-22 Red
24 VDC
524-501-24
Red
48 VDC
524-501-25
Red
110 VDC
524-501-75-15 Red
110 VAC
524-501-76-15 Red
230 VAC
524-501-86-19 Red
115 VAC
524-512-04
Green
20mA
524-512-21
Green
12 VDC
524-512-24
Green
48 VDC
524-512-86
Green
115 VAC
524-521-04
Yellow
20mA
524-521-04-15 Yellow
20mA
524-521-20
Yellow
5/6 VDC
524-521-20-22 Yellow
5/6 VDC
524-521-21-15 Yellow
12 VDC
524-521-22
Yellow
24 VDC
524-521-22-22 Yellow
24 VDC
524-521-24-22 Yellow
48 VDC
524-530-04-50 Red/Green 20mA
524-530-21-15 Red/Green 12 VDC
524-530-23
Red/Green 28 VDC
524-532-04
Green
20mA
524-532-04-15 Green
20mA
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
524-532-20
Green
5/6 VDC
524-532-20-22 Green
5/6 VDC
524-532-21-22 Green
12 VDC
524-532-22
Green
24 VDC
524-532-22-22 Green
24 VDC
524-532-24
Green
48 VDC
524-532-24-19 Green
48 VDC
524-532-24-22 Green
48 VDC
524-532-25
Green
110 VDC
524-532-75-15 Green
110 VAC
524-532-76-15 Green
230 VAC
524-532-86
Green
115 VAC
524-532-86-22 Green
115 VAC
524-930-04
Blue
20mA
524-930-04-15 Blue
20mA
524-930-04-50 Blue
20mA
524-930-21-15 Blue
12 VDC
524-930-22
Blue
24 VDC
524-930-24
Blue
48 VDC
524-930-25
Blue
110 VDC
524-997-04
White
20mA
524-997-21-15 White
12 VDC
524-997-22
White
24 VDC
524-997-22-22 White
24 VDC
524-997-24
White
48 VDC
524-997-24-22 White
48 VDC
524-997-72
White
24 VAC
524-997-86-22 White
115 VAC
UNITS
SAMPLES AVAILABLE
Part numbers also available in the 524 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 524-532-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524-532-04 MARL-524-532-04 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
524-532-04 MARL-524-532-04 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 524-532-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com