Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ26A-CA Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SMCJ26A-CA
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMCJ26A-CA Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SMCJ26A-CA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMCJ26A-CA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMCJ26A-CA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. SMCJ26A-CA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 11/11/2008
FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMCJ Series
TRANSIENT VOLTAGE SUPPRESSORS
Stand-off Voltage : 5.0 to 170 V
Peak Pulse Power : 1500 W
Features
1500 W peak pulse power capability on 10 /1000 µs
Excellent clamping capability
Fast response time: typically less than 1 ps from
0 V to V(BR) for unidirectional and 5 ns for
bidirectional types
Mechanical Data
• Case: SMC (DO-214AB) molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Solder plated
• Polarity: Color band denotes cathode end
Types for Bidirectional Applications
• For bidirectional use C or CA suffix for types SMCJ5.0 thru types SMCJ170A (e.g. SMCJ5.0C, SMCJ170CA)
• Electrical characteristics apply in both directions
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 50 Hz, resistive or inductive load.
For capacitive load, derate by 20%
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000 µs Waveform
PPPM
Min. 1500
W
Peak Pulse Current with a 10/1000 µs Waveform
IPPM
See Next Table
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Unidirectional only
IFSM
200
A
Maximum Instantaneous Forward Voltage at 100 A for
Unidirectional only
VF
3.5
V
Operating Junction and Storage Temperature Range
TJ, TStg
- 55 to + 150
O
C
7.5 ± 0.15
8.0 ± 0.1 5
1.1 ± 0.3
0.2 2 ± 0. 07
SMC (DO-214AB)
Dimensions in mm


Similar Part No. - SMCJ26A-CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ26A-13-F DIODES-SMCJ26A-13-F Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
UN Semiconducctor INC
SMCJ26A-AT UNSEMI-SMCJ26A-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMCJ26A-H YINT-SMCJ26A-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
logo
Bourns Electronic Solut...
SMCJ26A-Q BOURNS-SMCJ26A-Q Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
STMicroelectronics
SMCJ26A-TR STMICROELECTRONICS-SMCJ26A-TR Datasheet
75Kb / 5P
   TRANSILTM
More results

Similar Description - SMCJ26A-CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com