Electronic Components Datasheet Search |
|
520-325-04-15 Datasheet(PDF) 2 Page - Marl International Limited |
|
520-325-04-15 Datasheet(HTML) 2 Page - Marl International Limited |
2 / 3 page 520 Series MATERIALS PUSH-ON CONNECTORS Body Stainless steel grade 303 Nut Stainless steel grade 303 Sealing Ring Stainless steel grade 303 Panel Seal Nitrile Termination Phosphor bronze with tin on nickel finish Lock Washer Stainless steel Fresnel lens Polycarbonate Encapsulation PC5430 resin TECHNICAL CHARACTERISTICS OPTIONAL FLYING LEADS TERMINATIONS ORDER SUPPLY WIRE WIRE NO/DIAMETER DIAMETER COMMENTS CODE VOLTAGE COLOUR LENGTH OF OVER SUFFIX CONDUCTORS INSULATION 15 DC Products Red-anode / Black-cathode 150mm 15 AC Products Brown-live / Blue-neutral 150mm Customised 19/0.15mm 1.2mm lengths 19 DC Products Red-anode / Black-cathode 1000mm available 19 AC Products Brown-live / Blue-neutral 1000mm 909-000-00 is gold plated 910-000-00 is tin plated For use with 520 series lamps Dimensions in mm (Typical) Not to scale Page 2 of 3 * Min/max panel thickness is 3m / 6.5mm Anode termination indicated by long pin Mounting hole to be clean and burr free BS EN ISO 9001:2000 Approved Manufacturer website: www.marl.co.uk • email: sales@marl.co.uk • • Telephone +44 (0)1229 582430 • Fax: +44 (0)1229 585155 The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply for products or service. © MARL INTERNATIONAL LTD 2008 : DS 033/06 Issue 4 Dimensions in mm (Typical) Not to scale SERIES MAXIMUM MAXIMUM PANEL NUT MINIMUM MIN/MAX. POWER REVERSE CUTOUT MOUNTING MOUNTING PANEL DISSIPATION VOLTAGE TORQUE CENTRES THICKNESS 520 500 1000 6.1 0.65 x,y=15 3.0-6.5 mw Vdc mm Nm mm mm * = current version • = voltage version Panel and Mounting Hole Sealing ring Panel seal SAMPLES AVAILABLE |
Similar Part No. - 520-325-04-15 |
|
Similar Description - 520-325-04-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |