Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

423-512-24 Datasheet(PDF) 1 Page - Marl International Limited

Part # 423-512-24
Description  PANEL INDICATOR LEDs - 횠9.5mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

423-512-24 Datasheet(HTML) 1 Page - Marl International Limited

  423-512-24 Datasheet HTML 1Page - Marl International Limited 423-512-24 Datasheet HTML 2Page - Marl International Limited 423-512-24 Datasheet HTML 3Page - Marl International Limited 423-512-24 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
423-501-21
Red
Colour Diffused 12
20
11000
643
-0 ~ +85^
-0 ~ +85
Yes
423-521-21
Yellow
Colour Diffused 12
20
16000
591
-0 ~ +85^
-0 ~ +85
Yes
423-532-21
Green
Colour Diffused 12
20
23000
527
-0 ~ +85^
-0 ~ +85
Yes
423-930-21
Blue
Colour Diffused 12
20
7000
470
-0 ~ +85^
-0 ~ +85
Yes
423-997-21
Cold White
Colour Diffused 12
20
14000
*see below
-0 ~ +85^
-0 ~ +85
Yes
423-501-23
Red
Colour Diffused 24-28
17.5
11000
643
-0 ~ +85^
-0 ~ +85
Yes
423-521-23
Yellow
Colour Diffused 24-28
17.5
16000
591
-0 ~ +85^
-0 ~ +85
Yes
423-532-23
Green
Colour Diffused 24-28
17.5
23000
527
-0 ~ +85^
-0 ~ +85
Yes
423-930-23
Blue
Colour Diffused 24-28
17.5
7000
470
-0 ~ +85^
-0 ~ +85
Yes
423-997-23
Cold White
Colour Diffused 24-28
17.5
14000
*see below
-0 ~ +85^
-0 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
PANEL INDICATOR LEDs - Ø9.5mm Mounting
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure Typically = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS082/07 Issue 1
Page 1 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers
shown. Refer to page 3.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within
a batch.
997F-C *Typical emission colour cold white
x
0.245 0.361
0.356 0.264
y
0.229 0.385
0.351 0.220
HIGH INTENSITY
Front panel replaceability
Must be used in conjunction with 905-000-00 panel
socket. See datasheet DS084/04
Domed fresnel lens for wide angle viewing
Smoked & water clear lens options
Sealed to IP40
Product illustrated 423-532-22 in 905-000-00 panel
mounting socket
423 SERIES
PACK QUANTITY = 20 PIECES


Similar Part No. - 423-512-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
423-017-520-102 ETC2-423-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-520-102 EDAC-423-017-520-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
423-017-520-102 EDAC-423-017-520-102 Datasheet
244Kb / 2P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
logo
List of Unclassifed Man...
423-017-521-102 ETC2-423-017-521-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-521-102 EDAC-423-017-521-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
More results

Similar Description - 423-512-24

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com