Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

503-512-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 503-512-21
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

503-512-21 Datasheet(HTML) 3 Page - Marl International Limited

  503-512-21 Datasheet HTML 1Page - Marl International Limited 503-512-21 Datasheet HTML 2Page - Marl International Limited 503-512-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING INFORMATION
ALSO AVAILABLE
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 013/08 Issue 1
Page 3 of 3
SAMPLES AVAILABLE
Part numbers also available in the 503 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
501 & 521
532, 930 & 997
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
503-502-22
Red
24 VDC
503-503-04
Red
20mA
503-503-20
Red
5/6 VDC
503-503-23
Red
28 VDC
503-503-24-50
Red
48 VDC
503-506-75-15
Orange
110 VAC
503-509-22-09
Yellow
24 VDC
503-512-21
Green
12 VDC
503-512-22
Green
24 VDC
503-512-75
Green
110 VAC
503-512-75-15
Green
110 VAC
503-521-22
Yellow
24 VDC
503-521-75-15
Yellow
110 VAC
503-532-75-15
Green
110 VAC
503-578-75-15
Amber
110 VAC
503-930-75-15
Blue
110 VAC
503-997-75-15
White
110 VAC
UNITS


Similar Part No. - 503-512-21

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
503-4.0M-315A OSCILENT-503-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
503-4.0M-315B OSCILENT-503-4.0M-315B Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
503-4.0M-315C OSCILENT-503-4.0M-315C Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
503-4.0M-320A OSCILENT-503-4.0M-320A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
503-4.0M-320B OSCILENT-503-4.0M-320B Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 503-512-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com