Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502-521-25 Datasheet(PDF) 3 Page - Marl International Limited

Part # 502-521-25
Description  PROFESSIONAL LED INDICATORS8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

502-521-25 Datasheet(HTML) 3 Page - Marl International Limited

  502-521-25 Datasheet HTML 1Page - Marl International Limited 502-521-25 Datasheet HTML 2Page - Marl International Limited 502-521-25 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING INFORMATION
ALSO AVAILABLE
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 014/08 Issue 2
SAMPLES AVAILABLE
501 & 521
532, 930 & 997
Part numbers also available in the 502 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
PART NO.
COLOUR VOLTAGE DC
(Vdc) Vopr
502-501-20
Red
5/6 VDC
502-501-86-19 Red
115 VAC
502-521-20
Yellow
5/6 VDC
502-521-25
Yellow
110 VDC
502-521-86-19 Yellow
115 VAC
502-532-20
Green
5/6 VDC
502-532-24
Green
48 VDC
502-532-86
Green
115 VAC
502-532-86-19 Green
115 VAC
502-997-20
White
5/6 VDC
502-997-22
White
24 VDC
502-997-24
White
48 VDC
502-997-86
White
115 VAC
UNITS


Similar Part No. - 502-521-25

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502-521-23 MARL-502-521-23 Datasheet
433Kb / 5P
   횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
502-521-23 MARL-502-521-23 Datasheet
380Kb / 4P
   industrial panel lamps
More results

Similar Description - 502-521-25

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
676-501-21 MARL-676-501-21 Datasheet
343Kb / 3P
   PROFESSIONAL LED INDICATORS 횠 8.1mm Mounting
662-303-04 MARL-662-303-04 Datasheet
176Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
607-303-04 MARL-607-303-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com