Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC32ADR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC32ADR
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC32ADR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC32ADR Datasheet HTML 1Page - Texas Instruments SN74LVC32ADR Datasheet HTML 2Page - Texas Instruments SN74LVC32ADR Datasheet HTML 3Page - Texas Instruments SN74LVC32ADR Datasheet HTML 4Page - Texas Instruments SN74LVC32ADR Datasheet HTML 5Page - Texas Instruments SN74LVC32ADR Datasheet HTML 6Page - Texas Instruments SN74LVC32ADR Datasheet HTML 7Page - Texas Instruments SN74LVC32ADR Datasheet HTML 8Page - Texas Instruments SN74LVC32ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN54LVC32A, SN74LVC32A
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS286P – JANUARY 1993 – REVISED APRIL 2005
over operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC32A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
4.2
8.2
1
8.7
1
10.2
2.5 V ± 0.2 V
1
2.6
4.9
1
5.4
1
6.9
tpd
A or B
Y
ns
2.7 V
1
3
4.2
1
4.4
1
5.5
3.3 V ± 0.3 V
1
2.5
3.6
1
3.8
1
5
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
7.5
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
10.6
pF
3.3 V
12.5
5


Similar Part No. - SN74LVC32ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32ADR TI-SN74LVC32ADR Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32ADR TI-SN74LVC32ADR Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32ADRE4 TI-SN74LVC32ADRE4 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32ADRE4 TI-SN74LVC32ADRE4 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32ADRG4 TI-SN74LVC32ADRG4 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74LVC32ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com