Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55T12A Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BZX55T12A
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX55T12A Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZX55T12A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX55T12A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX55T12A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZX55T12A Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 21/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX55T Series
VZmin
2)
VZmax
2)
rZmax
at IZ
IRmax
at VR
IRmax
1)
at VR
1)
Type
V
V
mA
µA
V
µA
V
BZX55T2V4
2.3
2.6
100
5
5
0.5
50
1
BZX55T2V4A
2.3
2.5
100
5
5
0.5
50
1
BZX55T2V4B
2.4
2.6
100
5
5
0.5
50
1
BZX55T2V7
2.5
2.9
100
5
5
0.5
10
1
BZX55T2V7A
2.5
2.7
100
5
5
0.5
10
1
BZX55T2V7B
2.6
2.8
100
5
5
0.5
10
1
BZX55T2V7C
2.7
2.9
100
5
5
0.5
10
1
BZX55T3V0
2.8
3.2
100
5
5
0.5
6
1
BZX55T3V0A
2.8
3
100
5
5
0.5
6
1
BZX55T3V0B
2.9
3.1
100
5
5
0.5
6
1
BZX55T3V0C
3
3.2
100
5
5
0.5
6
1
BZX55T3V3
3.1
3.5
100
5
5
1
2
0.8
BZX55T3V3A
3.1
3.3
100
5
5
1
2
0.8
BZX55T3V3B
3.2
3.4
100
5
5
1
2
0.8
BZX55T3V3C
3.3
3.5
100
5
5
1
2
0.8
BZX55T3V6
3.4
3.8
100
5
5
1
2
0.8
BZX55T3V6A
3.4
3.6
100
5
5
1
2
0.8
BZX55T3V6B
3.5
3.7
100
5
5
1
2
0.8
BZX55T3V6C
3.6
3.8
100
5
5
1
2
0.8
BZX55T3V9
3.7
4.1
100
5
5
1
2
0.8
BZX55T3V9A
3.7
3.9
100
5
5
1
2
0.8
BZX55T3V9B
3.8
4
100
5
5
1
2
0.8
BZX55T3V9C
3.9
4.1
100
5
5
1
2
0.8
BZX55T4V3
4
4.5
100
5
5
1.5
1
1
BZX55T4V3A
4
4.2
100
5
5
1.5
1
1
BZX55T4V3B
4.1
4.3
100
5
5
1.5
1
1
BZX55T4V3C
4.2
4.4
100
5
5
1.5
1
1
BZX55T4V3D
4.3
4.5
100
5
5
1.5
1
1
BZX55T4V7
4.4
4.9
100
5
5
2
0.5
1
BZX55T4V7A
4.4
4.6
100
5
5
2
0.5
1
BZX55T4V7B
4.5
4.7
100
5
5
2
0.5
1
BZX55T4V7C
4.6
4.8
100
5
5
2
0.5
1
BZX55T4V7D
4.7
4.9
100
5
5
2
0.5
1
BZX55T5V1
4.8
5.3
100
5
5
2
0.1
1
BZX55T5V1A
4.8
5
100
5
5
2
0.1
1
BZX55T5V1B
4.9
5.1
100
5
5
2
0.1
1
BZX55T5V1C
5
5.2
100
5
5
2
0.1
1
BZX55T5V1D
5.1
5.3
100
5
5
2
0.1
1
BZX55T5V6
5.2
5.9
40
5
5
2
0.1
1
BZX55T5V6A
5.2
5.5
40
5
5
2
0.1
1
BZX55T5V6B
5.3
5.6
40
5
5
2
0.1
1
BZX55T5V6C
5.4
5.7
40
5
5
2
0.1
1
BZX55T5V6D
5.5
5.8
40
5
5
2
0.1
1
BZX55T5V6E
5.6
5.9
40
5
5
2
0.1
1
BZX55T6V2
5.7
6.6
15
5
1
3
0.1
2
BZX55T6V2A
5.7
6
15
5
1
3
0.1
2
BZX55T6V2B
5.8
6.1
15
5
1
3
0.1
2
BZX55T6V2C
6
6.3
15
5
1
3
0.1
2
BZX55T6V2D
6.1
6.4
15
5
1
3
0.1
2
BZX55T6V2E
6.3
6.6
15
5
1
3
0.1
2


Similar Part No. - BZX55T12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
Microdiode Electronics ...
BZX55 CHENDA-BZX55 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
New Jersey Semi-Conduct...
BZX55 NJSEMI-BZX55 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX55T12A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com