Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC06 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC06
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC06 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC06 Datasheet HTML 1Page - Texas Instruments SN74LVC06 Datasheet HTML 2Page - Texas Instruments SN74LVC06 Datasheet HTML 3Page - Texas Instruments SN74LVC06 Datasheet HTML 4Page - Texas Instruments SN74LVC06 Datasheet HTML 5Page - Texas Instruments SN74LVC06 Datasheet HTML 6Page - Texas Instruments SN74LVC06 Datasheet HTML 7Page - Texas Instruments SN74LVC06 Datasheet HTML 8Page - Texas Instruments SN74LVC06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN54LVC06A, SN74LVC06A
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS596N – OCTOBER 1997 – REVISED JULY 2005
SN54LVC06A(2)
–55
°C to 125°C
UNIT
MIN
MAX
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product preview
SN74LVC06A
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
0.65
× V
CC
High-level
VIH
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
input voltage
VCC = 2.7 V to 3.6 V
2
2
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
0.35
× V
CC
Low-level
VIL
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
5.5
0
5.5
0
5.5
V
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
Low-level
IOL
mA
output current
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVC06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC06A TI-SN74LVC06A Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC06A TI-SN74LVC06A Datasheet
512Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC06A TI-SN74LVC06A Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
[Old version datasheet]   Hex Inverter Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com