Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB520 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SB520
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB520 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB520 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB520 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 19/05/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SB520 THRU SB5A0
SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage – 20 to 100 Volts
Forward Current – 5.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Metal silicon junction, majority carrier conduction
Guard ring for overvoltage protection
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
High temperature soldering guaranteed:250℃/10 seconds
at terminals, 0.375”(9.5mm)lead length, 5lb.(2.3kg) tension
Mechanical Data
Case: Molded plastic body, JEDEC DO-201AD.
Terminals: Axial leads, solderable per MIL-STD-750, method 2026
Polarity: Color band denotes cathode end.
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
0C ambient temperature unless otherwise specified. Single phase, half wave, resistive or inductive load.
For capacitive load, derate by 20%
Symbols
SB
520
SB
530
SB
540
SB
550
SB
560
SB
580
SB
5A0
Units
Maximum recurrent peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
57
71
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
0.375” (9.5mm)lead length
I(AV)
5.0
A
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
150
A
Maximum instantaneous forward voltage
at 5 A (Note 1)
VF
0.55
0.70
0.80
0.85
V
2.5
Maximum reverse current
TA = 25
OC
at rated reverse voltage(Note 1)
TA = 100
OC
IR
50
25
mA
Typical junction capacitance (Note 2)
Ctot
500
400
pF
Typical thermal resistance, from junction to ambient(Note 3)
RθJA
25
OC/W
Typical thermal resistance, from junction to lead(Note 3)
RθJL
8.0
OC/W
Operating junction temperature range
TJ
-65 to +125
-65 to +150
OC
storage temperature range
TS
-65 to +150
OC
Notes:
(1) Pulse test: 300μs pulse width, 1% duty cycle
(2) Measured at 1MHZ and applied reverse voltage of 4 Volts
(3) Thermal Resistance from Junction to lead vertical P.C.B, mounted with 0.375”(9.5mm) lead length


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Yea Shin Technology Co....
SB520 YEASHIN-SB520 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
Nanjing International G...
SB520 DGNJDZ-SB520 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SB520 DIOTEC-SB520 Datasheet
138Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com