Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS405L Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RS405L
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RS405L Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RS405L Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RS405L Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RS401L THRU RS407L
SINGLE-PHASE GLASS PASSIVATED
RS-4L
SILICON BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 4.0 Amperes
Features
• Ideal for printed circuit board
• Surge overload rating: 200 amperes peak
• Mounting position: Any
• Weight:4.8 grams
• Molded structure
Absolute Maximum Ratings and Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
Symbols
RS
401L
RS
402L
RS
403L
RS
404L
RS
405L
RS
406L
RS
407L
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output current
at TA = 75
OC
IO
4
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
200.0
Amps
Maximum forward voltage drop per bridge element
at 4A DC
VF
1
Volts
Typical junction Capacitance (Note)
CJ
40
pF
@TA = 25
OC
10
µAmps
Maximum reverse current at
rated DC blocking voltage per
element
@TA =100
OC
IR
1
mAmps
Operating and storage temperature range
TJ ,TS
-55 to +150
OC
Notes: (1) Measured at 1 MHz and applied reverse voltage of 4volts.


Similar Part No. - RS405L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS405L RECTRON-RS405L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
Kwang Myoung I.S. CO.,L...
RS405L KISEMICONDUCTOR-RS405L Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Bytes
RS405L BYTES-RS405L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RS405L SYNSEMI-RS405L Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Formosa MS
RS405L FORMOSA-RS405L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - RS405L

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBL4005 SEMTECH_ELEC-KBL4005 Datasheet
241Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
RS401M SEMTECH_ELEC-RS401M Datasheet
241Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
DB101S SMC-DB101S Datasheet
151Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
PBP10-005G FRONTIER-PBP10-005G Datasheet
120Kb / 2P
   10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com