Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV86A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV86A
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV86A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV86A Datasheet HTML 1Page - Texas Instruments SN54LV86A Datasheet HTML 2Page - Texas Instruments SN54LV86A Datasheet HTML 3Page - Texas Instruments SN54LV86A Datasheet HTML 4Page - Texas Instruments SN54LV86A Datasheet HTML 5Page - Texas Instruments SN54LV86A Datasheet HTML 6Page - Texas Instruments SN54LV86A Datasheet HTML 7Page - Texas Instruments SN54LV86A Datasheet HTML 8Page - Texas Instruments SN54LV86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54LV86A, SN74LV86A
QUADRUPLE 2INPUT EXCLUSIVEOR GATES
SCLS392F − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 8 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’LV86A devices are quadruple 2-input
exclusive-OR gates designed for 2-V to 5.5-V VCC
operation.
These devices contain four independent 2-input
exclusive-OR gates. They perform the Boolean
function
Y = A
B or Y = AB + AB in positive logic.
A common application is as a true/complement
element. If one of the inputs is low, the other input
is reproduced in true form at the output. If one of
the inputs is high, the signal on the other input is
reproduced inverted at the output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 50
SN74LV86AD
LV86A
SOIC − D
Reel of 2500
SN74LV86ADR
LV86A
SOP − NS
Reel of 2000
SN74LV86ANSR
74LV86A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV86ADBR
LV86A
−40
°C to 85°C
Tube of 90
SN74LV86APW
TSSOP − PW
Reel of 2000
SN74LV86APWR
LV86A
TSSOP − PW
Reel of 250
SN74LV86APWT
LV86A
TVSOP − DGV
Reel of 2000
SN74LV86ADGVR
LV86A
CDIP − J
Tube of 25
SNJ54LV86AJ
SNJ54LV86AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV86AW
SNJ54LV86AW
−55 C to 125 C
LCCC - FK
Tube of 55
SNJ54LV86AFK
SNJ54LV86AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54LV86A ...J OR W PACKAGE
SN74LV86A . . . D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LV86A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GD54LS86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  List of Unclassifed Manufacturers
OR2 2-input OR gate with 1x drive strength 1  ams AG
TC74HC08AP QUAD 2-INPUT AND GATE 1  2  3  4  5  More Toshiba Semiconductor
IN74AC132 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
74AUP2G00 Low-power dual 2-input NAND gate 1  2  3  4  5  More NXP Semiconductors
MC10H173 QUAD 2-INPUT MULTIPLEXER / LATCH 1  2  3  4  Motorola, Inc
AZ10EL07 ECL/PECL 2-Input XOR/XNOR 1  2  3  4  5  More List of Unclassifed Manufacturers
MC54F32 QUAD 2-INPUT OR GATE 1  2  Motorola, Inc
MC74VQ02 LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE 1  2  3  4  5  More Motorola, Inc
MM1389 Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch 1  2  3  4  5  More Mitsumi Electronics, Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn