Electronic Components Datasheet Search |
|
UB26SKG01N-G Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
UB26SKG01N-G Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 8 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 General Specifications Electrical Capacity (Resistive Load) Power Level (code W): 5A @ 125/250V AC or 5A @ 30V DC Logic Level (code G): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 50 milliohms maximum for silver; 100 milliohms maximum for gold Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 1,000,000 operations minimum for momentary; 200,000 operations minimum for alternate action Electrical Life: 10,000 operations minimum for silver; 100,000 operations minimum for silver with resistive load of 3A @ 125V AC 200,000 operations minimum for gold Nominal Operating Force: Single Pole: 1.57N for Square & 1.9N for Rectangular Double Pole: 2.55N for Square & 3.1N for Rectangular Contact Timing: Break before make Travel: Pretravel .067” (1.7mm); Overtravel .024” (0.6mm); Total Travel .091” (2.3mm) Materials & Finishes Housing/Bezel: Glass fiber reinforced polyamide (UL94V-0) Snap-in Frame: Stainless steel Movable Contactor: Phosphor bronze Movable Contacts: Silver alloy or copper with gold plating Stationary Contacts: Silver alloy or copper with gold plating Terminals: Phosphor bronze with silver or gold plating Base: Glass fiber reinforced liquid crystal polymer (UL94V-0) Environmental Data Operating Temp Range: –20°C through +70°C (–4°F through +158°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Installation Cap Installation Force: 7.55N (1.70 lbf) maximum downward force on cap Soldering Time & Temp: Wave Soldering (PC version): See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Cleaning: These devices are not process sealed. Hand clean locally using alcohol based solution. Standards & Certifications Flammability Standards: UL94V-0 housing/bezel of GFR polyamide & base of GFR liquid crystal polymer UL & C-UL Recognized: All single & double pole models recognized at 5A @ 125/250V AC or 0.014A @ 28V DC; UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch; C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch. CSA Certified: All single & double pole models certified at 5A @ 125/250V AC or 5A @ 30V DC or 0.4VA maximum @ 28V AC/DC maximum; CSA File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch. R |
Similar Part No. - UB26SKG01N-G |
|
Similar Description - UB26SKG01N-G |