Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB25NBKW016G Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25NBKW016G
Description  Low Profile Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25NBKW016G Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB25NBKW016G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW016G Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB
LEGENDS
OPTIONAL ACCESSORIES
Dust Covers
AT4001
Square
Materials:
PVC with polyethylene gasket
(PVC loses pliability below 0°C (32°F).)
Recommended Panel Thickness: .039” ~ .098” (1.0mm ~ 2.5mm)
AT4011
Rectangular
Film Insert: Clear Polyester 4 mil max. thickness
Suggested Printable Area for UB Lens & Film Insert
Square Cap
Rectangular Cap
Lens
Film Insert
Shaded areas are printable areas.
Not for use with barrier type models (mounting code NBK)
(15.0) Sq
.591
(2.5)
.098
(7.3)
.287
Cap Height
When
Assembled
(24.0) Sq
.945
(16.5)
.650
(16.5)
.650
(24.0)
.945
(22.7)
.894
(30.2)
1.189
Lens
Film
Insert
Diffuser
Lens
(15.48)
.609
(17.0)
.669
(0.76) Typ
.030
(10.48)
.413
(12.0)
.472
(0.76) Typ
.030
(10.48) Sq
.413
(12.0) Sq
.472
(0.76) Typ
.030
(8.78)
.346
(10.3)
.406
(13.78)
.543
(15.3)
.602
(0.76) Typ
.030
(0.5) R
.020
(0.76) Typ
.030
(8.78) Sq
.346
(10.3) Sq
.406
(0.76) Typ
.030
(0.5) R
.020
Recommended Methods: Laser Etch on clear lens, Screen Print or Pad Print on lens; Screen Print on film insert.
Epoxy based ink is recommended.
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the UB/UB2 Legend Packet,
or utilize the general information and basic specifications presented below.


Similar Part No. - UB25NBKW016G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25NBKW015C-CB NKK-UB25NBKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25NBKW015C-CB NKK-UB25NBKW015C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25NBKW015C-CC NKK-UB25NBKW015C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25NBKW015C-CD NKK-UB25NBKW015C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25NBKW015C-CF NKK-UB25NBKW015C-CF Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB25NBKW016G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com