Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBCW69LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBCW69LT1G
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBCW69LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBCW69LT1G Datasheet HTML 1Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 2Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 3Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 4Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 5Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 6Page - Leshan Radio Company LBCW69LT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
2/7
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
( I
C= –2.0 mAdc, VCE = –5.0 Vdc )
BCW69LT1
120
260
BCW70LT1
215
500
Collector–Emitter Saturation Voltage
V CE(sat)
– 0.3
Vdc
( IC = – 10 mAdc, IB = –0.5 mAdc )
Base–Emitter On Voltage
V BE(on)
– 0.6
– 0.75
Vdc
( IC = – 2.0 mAdc, V CE = – 5.0Vdc )
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
C
obo
7.0
pF
( I E= 0 V CB = –10Vdc, f = 1.0 MHz)
Noise Figure
N
F
—10
dB
(V CE= – 5.0 Vdc, I C= – 0.2 mAdc, RS = 2.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
LBCW69LT1G LBCW70LT1G
Ordering Information
Device
Marking
Shipping
LBCW69LT1G
H1
3000/Tape&Reel
LBCW70LT1G
H2
3000/Tape&Reel
LBCW69LT3G
H1
10000/Tape&Reel
10000/Tape&Reel
H2
LBCW70LT3G


Similar Part No. - LBCW69LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBCW65ALT1G LRC-LBCW65ALT1G Datasheet
69Kb / 3P
   General Purpose Transistors NPN Silicon
LBCW65ALT3G LRC-LBCW65ALT3G Datasheet
69Kb / 3P
   General Purpose Transistors NPN Silicon
LBCW68GLT1G LRC-LBCW68GLT1G Datasheet
94Kb / 3P
   General Purpose Transistors
More results

Similar Description - LBCW69LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com