Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

201-301-04-38 Datasheet(PDF) 3 Page - Marl International Limited

Part # 201-301-04-38
Description  FILAMENT REPLACEMENT LEDs - T1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

201-301-04-38 Datasheet(HTML) 3 Page - Marl International Limited

  201-301-04-38 Datasheet HTML 1Page - Marl International Limited 201-301-04-38 Datasheet HTML 2Page - Marl International Limited 201-301-04-38 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 063/06 Issue 3
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
DERATING INFORMATION
301
325
324, 934 & 998
201 Series
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
201-301-04
Red
20mA
201-301-13-38
Red
20mA RP
201-324-04
Green
20mA
201-324-13
Green
20mA RP
201-324-13-38
Green
20mA RP
201-325-04
Yellow
20mA
201-325-13-38
Yellow
20mA RP
201-351-04
Yellow
20mA
201-381-20
Red
5/6 Vdc
201-382-20
Yellow
5/6Vdc
201-934-04
Blue
20mA
201-934-13-38
Blue
20mA RP
201-998-13-38
Cold White
20mA RP
UNITS
VDC
Part numbers also available in the 201 Series:
The products listed above illustrate all of the options available to order.
These products may have custom modifications that alter their operation
beyond the generic information contained within this datasheet. Please
contact sales for further information.
Please note: - RP equates to Reverse Polarity


Similar Part No. - 201-301-04-38

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
201-351-0000H WINCHESTER-201-351-0000H Datasheet
76Kb / 1P
   RDM Receptacle
logo
ETAL Group
201-3A ETAL-201-3A Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results

Similar Description - 201-301-04-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
202-301-21-38 MARL-202-301-21-38 Datasheet
247Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com