Dated : 30/03/2009
N
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RGL1A THRU RGL1M
SURFACE MOUNT FAST SILICON RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Features
• Plastic material has UL classification 94V-0
• For surface mounted application
Mechanical Data
• Case: MiniMELF(DO-213AA), molded plastic body
• Terminals: Plated terminals solderable per MIL-STD-750
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols RGL1A
RGL1B
RGL1D
RGL1G
RGL1J
RGL1K
RGL1M
Units
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Surge Peak Reverse Voltage
VRSM
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at TT = 75
OC
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
20
A
Maximum Forward Voltage at 1 A
VF
1.3
V
Maximum Reverse Current
at VR = VRRM
Tj = 25
OC
Tj = 125
OC
IR
5
50
µA
Maximum Reverse Recovery Time
1)
trr
150
250
500
ns
Maximum Thermal Resistance Junction to Ambient
2)
RθJA
150
K/W
Maximum Thermal Resistance Junction to Terminals
RθJT
60
K/W
Operating and Storage Temperature Range
Tj,Tstg
- 50 to + 175
OC
1) Reverse recovery conditions: I
F = 0.5 A, IR = 1 A, Irr = 0.25 A
2) Mounted on P.C. board with 25 mm2 copper pads at each terminal
3.7
3.3
0.6
0.25
D1=
1.7
1.5
D2
D2 = D1
+0
-0.203
Dimensions in millimeters
Solderable Ends
MiniMELF (DO-213AA) Plastic Package