Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB26NKW01N-F Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB26NKW01N-F
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB26NKW01N-F Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB26NKW01N-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKW01N-F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
MOUNTING TYPES & SHAPES
TERMINALS
CONTACT MATERIALS & RATINGS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
SP
UB15
*UB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
UB25
*UB26
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
PCB Mounting
SK Square
Single Pole
Double Pole
Rectangular
Single Pole
Double Pole
Snap-in Mounting (Solder Lug)
KK Square
with Built-in Bezel
NK Rectangular
with Built-in Bezel
NBK
Rectangular with Built-in
Side Barriers
Snap-in Mounting with Solder Lug terminals is the standard combination. Panel Thickness: .039 ~ .126” (1.0 ~ 3.2mm)
Silver Contacts
Power Level
5A @ 125V AC & 250V AC
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Complete explanation of operating range in Supplement section.
W
G
01
03
Solder Lug
Straight PC
RK
* When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the housing.
(16.2) Sq
.638
(22.4)
.882
(16.2)
.638
(0.2)
.008
(5.0)
.197
(2.0)
.079
(1.6)
.063
(0.8)
.032
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
4
6
1
3
2
5
COM
COM
NC
NC
NO
NO
1
3
2
COM
NO
NC
POLES & CIRCUITS
Note: Switch is marked with NC, NO, COM, L+ & L–
even though nonilluminated models have no
lamp terminals.
(7.62)
.300
(5.08) Typ
.200
CL
3
2
1
(1.2) Dia Typ
.047
(5.08)
.200
CL
3
2
1
(1.2) Dia Typ
.047
(5.08) Typ
.200
(7.62) Typ
.300
(5.08) Typ
.200
CL
3
2
1
(1.2) Dia Typ
.047
6
5
4
(5.08) Typ
.200
CL
3
2
1
(1.2) Dia Typ
.047
6
5
4
(5.08) Typ
.200


Similar Part No. - UB26NKW01N-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB26NKW015C NKK-UB26NKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB26NKW015C-CB NKK-UB26NKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB26NKW015D NKK-UB26NKW015D Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB26NKW015D-CB NKK-UB26NKW015D-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB26NKW015F NKK-UB26NKW015F Datasheet
365Kb / 9P
   Low Profile Pushbuttons
More results

Similar Description - UB26NKW01N-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com