Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV4066A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54LV4066A
Description  QUADRUPLE BILATERAL ANALOG SWITCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4066A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LV4066A Datasheet HTML 4Page - Texas Instruments SN54LV4066A Datasheet HTML 5Page - Texas Instruments SN54LV4066A Datasheet HTML 6Page - Texas Instruments SN54LV4066A Datasheet HTML 7Page - Texas Instruments SN54LV4066A Datasheet HTML 8Page - Texas Instruments SN54LV4066A Datasheet HTML 9Page - Texas Instruments SN54LV4066A Datasheet HTML 10Page - Texas Instruments SN54LV4066A Datasheet HTML 11Page - Texas Instruments SN54LV4066A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN54LV4066A, SN74LV4066A
QUADRUPLE BILATERAL ANALOG SWITCHES
SCLS427I − APRIL 1999 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VC = VIH
VI
VO
CL
TEST CIRCUIT
tPLH
tPHL
50%
50%
VCC
0 V
50%
50%
VOH
VOL
VI
A or B
VO
B or A
VOLTAGE WAVEFORMS
50
tr
90%
10%
tf
10%
90%
VCC
GND
(ON)
Figure 4. Propagation Delay Time, Signal Input to Signal Output


Similar Part No. - SN54LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI1-SN54LV4066A Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
More results

Similar Description - SN54LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI1-SN54LV4066A_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4066B PHILIPS-HEF4066B Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com