Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV244 Datasheet(PDF) 4 Page - Texas Instruments

Part # LV244
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LV244 Datasheet(HTML) 4 Page - Texas Instruments

  LV244 Datasheet HTML 1Page - Texas Instruments LV244 Datasheet HTML 2Page - Texas Instruments LV244 Datasheet HTML 3Page - Texas Instruments LV244 Datasheet HTML 4Page - Texas Instruments LV244 Datasheet HTML 5Page - Texas Instruments LV244 Datasheet HTML 6Page - Texas Instruments LV244 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54LV244A, SN74LV244A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS383B – SEPTEMBER 1997 – REVISED JUNE 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV244A
SN74LV244A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –50 µA
2 V to 5.5 V
VCC–0.1
VCC–0.1
VOH
IOH = –2 mA
2.3 V
2
2
V
VOH
IOH = –8 mA
3 V
2.48
2.48
V
IOH = –16 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 8 mA
3 V
0.44
0.44
V
IOL = 16 mA
4.5 V
0.55
0.55
II
VI = VCC or GND
5.5 V
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0 V
20
20
µA
Ci
VI =VCC or GND
3.3 V
2.3
2.3
pF
Ci
VI = VCC or GND
5 V
2.3
2.3
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV244A
SN74LV244A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd*
A
Y
7.5
12.5
1
15
1
15
ten*
OE
Y
CL = 15 pF
8.9
14.6
1
17
1
17
ns
tdis*
OE
Y
9.1
14.1
1
16
1
16
tpd
A
Y
9.5
15.3
1
18
1
18
ten
OE
Y
CL =50 pF
10.8
17.8
1
21
1
21
ns
tdis
OE
Y
CL = 50 pF
13.4
19.2
1
21
1
21
ns
tsk(o)†
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† Skew between any two outputs of the same package switching in the same direction
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV244A
SN74LV244A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd*
A
Y
5.4
8.4
1
10
1
10
ten*
OE
Y
CL = 15 pF
6.3
10.6
1
12.5
1
12.5
ns
tdis*
OE
Y
7.6
11
1
13
1
13
tpd
A
Y
6.8
11.9
1
13.5
1
13.5
ten
OE
Y
CL =50 pF
7.8
14.1
1
16
1
16
ns
tdis
OE
Y
CL = 50 pF
11
16
1
18
1
18
ns
tsk(o)†
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† Skew between any two outputs of the same package switching in the same direction
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - LV244

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
LV244 SLS-LV244 Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
Texas Instruments
LV244A TI-LV244A Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
LV244AT TI-LV244AT Datasheet
574Kb / 17P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - LV244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com