Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GT14 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1GT14
Description  Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GT14 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1GT14 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GT14 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GT14 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GT14 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GT14 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GT14 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1GT14
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature
L74VHC1GT14DFT1
L
74
VHC1G
T14
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GT14DFT2
L
74
VHC1G
T14
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GT14DTT1
L
74
VHC1G
T14
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
Device
Order Number Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
3.0V
V
OH
V
OL
4/6


Similar Part No. - L74VHC1GT14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results

Similar Description - L74VHC1GT14

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
   Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_15 Datasheet
82Kb / 6P
   Schmitt-Trigger Inverter / CMOS Logic Level Shifter
March, 2015 ??Rev. 14
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com