Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB25NBKW03N-E Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25NBKW03N-E
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25NBKW03N-E Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB25NBKW03N-E Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25NBKW03N-E Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
OPTIONAL ACCESSORIES
2
3
1
Spring Loaded Protective Guard for Snap-in Mounting of Rectangular PCB Model
AT4174
Rectangular
Protective Guard/
Snap-in Frame
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black Polyamide
Coil Spring: Stainless Steel
Recommended
Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Recommended
Panel-to-PCB Range:
.354” ~ .433”
(9.0mm ~ 11.0mm)
Installation
1 Install switch onto
PC board.
2 Snap protective
guard into panel.
3 Join the two
assemblies.
Protective
Guard
Panel
Switch
PC Board
(26.6)
1.047 (N)
(18.2)
.717
(39.0) Min*
1.535
(N) = Number of switches * Minimum dimension allows opening of cover to 180
°
AT4174
(10.5)
.413
(20.5)
.807
(23.4)
.921
(26.6)
1.047
(24.6)
.969
(26.6)
1.047
(10.5)
.413
(20.5)
.807
(6.0)
.236
(9.0)
.354
(20.54)
.809
(15.64)
.616
180
°
(9.0) ~ (11.0)
.354 ~ .433
Spring Loaded Protective Guard for Square Snap-in Model
AT4171
Square
Protective Guard
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
(20.4)
.803 (N)
(16.2) Sq
.638
(39.0) Min*
1.535
(N) = Number of switches
* Minimum dimension allows opening of cover to 180
°
AT4171
(10.5)
.413
(20.5)
.807
(20.4)
.803
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(7.5)
.295
Cap Height
When
Assembled
(17.9)
.705
(14.2)
.559
(17.9)
.705
(7.1)
.280
180
°


Similar Part No. - UB25NBKW03N-E

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25NBKW035C NKK-UB25NBKW035C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB25NBKW035C-CB NKK-UB25NBKW035C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25NBKW035C-CB NKK-UB25NBKW035C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25NBKW035C-CC NKK-UB25NBKW035C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25NBKW035C-CD NKK-UB25NBKW035C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB25NBKW03N-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com