Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LS379W Datasheet(PDF) 7 Page - Texas Instruments

Part # SNJ54LS379W
Description  OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LS379W Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNJ54LS379W Datasheet HTML 3Page - Texas Instruments SNJ54LS379W Datasheet HTML 4Page - Texas Instruments SNJ54LS379W Datasheet HTML 5Page - Texas Instruments SNJ54LS379W Datasheet HTML 6Page - Texas Instruments SNJ54LS379W Datasheet HTML 7Page - Texas Instruments SNJ54LS379W Datasheet HTML 8Page - Texas Instruments SNJ54LS379W Datasheet HTML 9Page - Texas Instruments SNJ54LS379W Datasheet HTML 10Page - Texas Instruments SNJ54LS379W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SNJ54LS378J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS378W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS378W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS379W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 3


Similar Part No. - SNJ54LS379W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LS379W TI-SNJ54LS379W Datasheet
976Kb / 25P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
More results

Similar Description - SNJ54LS379W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS377 TI-SN54LS377_07 Datasheet
976Kb / 25P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
SN54HC377 TI-SN54HC377_07 Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
221Kb / 6P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54LS377 TI1-SN54LS377_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS
logo
Hitachi Semiconductor
HD74HC377 HITACHI-HD74HC377 Datasheet
58Kb / 9P
   Octal D-type Flip-Flops (with Enable)
logo
Renesas Technology Corp
HD74HC377 RENESAS-HD74HC377 Datasheet
99Kb / 7P
   Octal D-type Flip-Flops (with Enable)
logo
Unisonic Technologies
U74HC377 UTC-U74HC377_15 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
U74HC377 UTC-U74HC377 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Texas Instruments
SN54HC377 TI-SN54HC377_06 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377 Datasheet
273Kb / 9P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com