Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV273AFK Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54LV273AFK
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV273AFK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LV273AFK Datasheet HTML 5Page - Texas Instruments SN54LV273AFK Datasheet HTML 6Page - Texas Instruments SN54LV273AFK Datasheet HTML 7Page - Texas Instruments SN54LV273AFK Datasheet HTML 8Page - Texas Instruments SN54LV273AFK Datasheet HTML 9Page - Texas Instruments SN54LV273AFK Datasheet HTML 10Page - Texas Instruments SN54LV273AFK Datasheet HTML 11Page - Texas Instruments SN54LV273AFK Datasheet HTML 12Page - Texas Instruments SN54LV273AFK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2005
Addendum-Page 2


Similar Part No. - SN54LV273AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV273A TI-SN54LV273A Datasheet
870Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV273A TI-SN54LV273A Datasheet
799Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV273A TI-SN54LV273A_07 Datasheet
870Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV273A TI-SN54LV273A_10 Datasheet
799Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN54LV273AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com