Electronic Components Datasheet Search |
|
L74VHC1GT09DTT3 Datasheet(PDF) 1 Page - Leshan Radio Company |
|
L74VHC1GT09DTT3 Datasheet(HTML) 1 Page - Leshan Radio Company |
1 / 6 page LESHAN RADIO COMPANY, LTD. VXd L74VHC1GT09 VXd 1 3 2 4 5 TSOP–5/SOT–23/SC–59 DT SUFFIX The L74VHC1GT09 is an advanced high speed CMOS 2–input AND gate with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. • High Speed: t PD = 4.3 ns (Typ) at V CC = 5 V • Low Internal Power Dissipation: I CC = 2 mA (Max) at T A = 25°C • Power Down Protection Provided on Inputs • Pin and Function Compatible with Other Standard Logic Families • Chip Complexity: FETs = 62; Equivalent Gates = 16 SC–88A/SOT–353/SC–70 DF SUFFIX 1 3 2 4 5 MARKING DIAGRAMS Pin 1 d = Date Code Pin 1 d = Date Code Figure 1. Pinout (Top View) Figure 2. Logic Symbol PIN ASSIGNMENT 1 IN B 2 IN A 3 GND 4 OUT Y 5V CC FUNCTION TABLE Inputs Output AB Y LL L LH L HL L HH Z ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. 2-Input AND Gate with Open Drain Output The internal circuit is composed of three stages, including an open drain output which provides the ability to set output switching level. This allows the L74VHC1GT09 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply. The device input is compatible with TTL–type input thresholds and the output has a full 5.0 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply. The L74VHC1GT09 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT09 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc. with LSTTL–Compatible Inputs 1/6 |
Similar Part No. - L74VHC1GT09DTT3 |
|
Similar Description - L74VHC1GT09DTT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |