Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV374A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV374A
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV374A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV374A Datasheet HTML 1Page - Texas Instruments SN54LV374A Datasheet HTML 2Page - Texas Instruments SN54LV374A Datasheet HTML 3Page - Texas Instruments SN54LV374A Datasheet HTML 4Page - Texas Instruments SN54LV374A Datasheet HTML 5Page - Texas Instruments SN54LV374A Datasheet HTML 6Page - Texas Instruments SN54LV374A Datasheet HTML 7Page - Texas Instruments SN54LV374A Datasheet HTML 8Page - Texas Instruments SN54LV374A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54LV374A, SN74LV374A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS408H − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 9.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54LV374A ...FK PACKAGE
(TOP VIEW)
SN54LV374A ...J OR W PACKAGE
SN74LV374A . . . DB, DGV, DW, NS,
OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
SN74LV374A . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
8Q
8D
7D
7Q
6Q
6D
5D
5Q
1Q
1D
2D
2Q
3Q
3D
4D
4Q
description/ordering information
The ’LV374A devices are octal edge-triggered D-type flip-flops designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV374ARGYR
LV374A
SOIC − DW
Tube of 25
SN74LV374ADW
LV374A
SOIC − DW
Reel of 2000
SN74LV374ADWR
LV374A
SOP − NS
Reel of 2000
SN74LV374ANSR
74LV374A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV374ADBR
LV374A
−40
°C to 85°C
Tube of 70
SN74LV374APW
LV374A
TSSOP − PW
Reel of 2000
SN74LV374APWR
LV374A
TSSOP − PW
Reel of 250
SN74LV374APWT
LV374A
TVSOP − DGV
Reel of 2000
SN74LV374ADGVR
LV374A
VFBGA − GQN
Reel of 1000
SN74LV374AGQNR
LV374A
CDIP − J
Tube of 20
SNJ54LV374AJ
SNJ54LV374AJ
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54LV374AW
SNJ54LV374AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV374AFK
SNJ54LV374AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn