Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GT01DFT2 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1GT01DFT2
Description  2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GT01DFT2 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1GT01DFT2 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GT01DFT2 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GT01DFT2 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GT01DFT2 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GT01DFT2 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GT01DFT2 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1GT01
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
L74VHC1GT01DFT1
L
74
VHC1G
T01
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GT01DFT2
L
74
VHC1G
T01
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GT01DFT4
L
74
VHC1G
T01
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
L74VHC1GT01DTT1
L
74
VHC1G
T01
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
L74VHC1GT01DTT3
L
74
VHC1G
T01
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Figure 5. Switching Waveforms
Figure 4. Output Voltage Mismatch Application
C L = 50 pF equivalent (Includes jig and probe capacitance)
R L = R 1 = 500
Ω or equivalent
R T = Z OUT of pulse generator (typically 50
Ω)
Figure 6. Test Circuit
Figure 7. Complex Boolean Functions
Figure 8. LED Driver
Figure 9. GTL Driver
4/6


Similar Part No. - L74VHC1GT01DFT2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results

Similar Description - L74VHC1GT01DFT2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT09 LRC-L74VHC1GT09 Datasheet
198Kb / 6P
   2-Input AND Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com