Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1G125 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # L74VHC1G125
Description  Noninverting 3−State Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1G125 Datasheet(HTML) 5 Page - Leshan Radio Company

  L74VHC1G125 Datasheet HTML 1Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 2Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 3Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 4Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 5Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L74VHC1G125
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A / SOT−353 / SC70
mm
inches
SCALE 20:1
SOLDERING FOOTPRINT*
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
LESHAN RADIO COMPANY, LTD.
5/6


Similar Part No. - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
L74VHC1G135 LRC-L74VHC1G135 Datasheet
221Kb / 6P
   2-Input NANDSchmitt-Trigger with Open Drain Output
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
More results

Similar Description - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
   Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126_15 Datasheet
131Kb / 6P
   Noninverting 3-State Buffer
June, 2015 ??Rev. 17
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com