Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1G125 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1G125
Description  Noninverting 3−State Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1G125 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1G125 Datasheet HTML 1Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 2Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 3Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 4Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 5Page - Leshan Radio Company L74VHC1G125 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L74VHC1G125
SWITCHING WAVEFORMS
Figure 4. Switching Wave Forms
Figure 5.
Y
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH − 0.3V
Y
Y
OE
tPZL tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
*Includes all probe and jig capacitance
Figure 7. Test Circuit
OUTPUT
TEST POINT
CL *
1 kW
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
50%
50% VCC
VCC
GND
tPLH
tPHL
A
Figure 8. Input Equivalent Circuit
INPUT
DEVICE ORDERING INFORMATION
LESHAN RADIO COMPANY, LTD.
Device Nomenclature
L74VHC1G125DFT1
L
74
VHC1G
125
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1G125DFT2
L
74
VHC1G
125
2
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1G125DFT4
L
74
VHC1G
125
2
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
L74VHC1G125DTT1
L
74
VHC1G
125
2
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
L74VHC1G125DTT3
L
74
VHC1G
125
2
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Device
Order Number
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
4/6


Similar Part No. - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
L74VHC1G135 LRC-L74VHC1G135 Datasheet
221Kb / 6P
   2-Input NANDSchmitt-Trigger with Open Drain Output
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
More results

Similar Description - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
   Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126_15 Datasheet
131Kb / 6P
   Noninverting 3-State Buffer
June, 2015 ??Rev. 17
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com