Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1G66 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1G66
Description  Single Supply Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1G66 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1G66 Datasheet HTML 1Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 2Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 3Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 4Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 5Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 6Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 7Page - Leshan Radio Company L74VHC1G66 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
L74VHC1G66
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Test Conditions
VCC
Limit
25
°C
Unit
BW
Maximum On–Channel
Bandwidth or Minimum
Frequency Response
Figure 7
fin = 1 MHz Sine Wave
Adjust fin voltage to obtain 0 dBm at VOS
Increase fin = frequency until dB meter reads –3 dB
RL = 50 W, CL = 10 pF
3.0
4.5
5.5
150
175
180
MHz
ISOoff
Off–Channel Feedthrough
Isolation
Figure 8
fin = Sine Wave
Adjust fin voltage to obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 W, CL = 50 pF
3.0
4.5
5.5
–80
–80
–80
dB
NOISEfeed
Feedthrough Noise Control to
Switch
Figure 9
Vin ≤ 1 MHz Square Wave (tr = tf = 2 ns)
RL = 600 W, CL = 50 pF
3.0
4.5
5.5
45
60
130
mVPP
THD
Total Harmonic Distortion
Figure 10
fin = 1 kHz, RL = 10 kW, CL = 50 pF
THD = THDMeasured – THDSource
VIS = 3.0 VPP sine wave
VIS = 5.0 VPP sine wave
3.3
5.5
0.30
0.15
%
Figure 4. On Resistance Test Set–Up
Figure 5. Maximum Off–Channel Leakage Current
Test Set–Up
5
1
2
4
3
Figure 6. Maximum On–Channel Leakage Current
Test Set–Up
Figure 7. Propagation Delay Test Set–Up
POWER
SUPPLY
COMPUTER
DC PARAMETER
ANALYZER
VCC
+
-
PLOTTER
5
1
2
4
3
VCC
VIL
VCC
VCC
A
5
1
2
4
3
VCC
VIH
VCC
A
N/C
5
1
2
4
3
VCC
VCC
TEST
POINT
LESHAN RADIO COMPANY, LTD.
4/8


Similar Part No. - L74VHC1G66

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1G66

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Renesas Technology Corp
ISL76123 RENESAS-ISL76123 Datasheet
645Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL76123 INTERSIL-ISL76123 Datasheet
449Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
ISL43210AIHZ-T INTERSIL-ISL43210AIHZ-T Datasheet
554Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com