Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1G14 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # L74VHC1G14
Description  Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1G14 Datasheet(HTML) 5 Page - Leshan Radio Company

  L74VHC1G14 Datasheet HTML 1Page - Leshan Radio Company L74VHC1G14 Datasheet HTML 2Page - Leshan Radio Company L74VHC1G14 Datasheet HTML 3Page - Leshan Radio Company L74VHC1G14 Datasheet HTML 4Page - Leshan Radio Company L74VHC1G14 Datasheet HTML 5Page - Leshan Radio Company L74VHC1G14 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1G14
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC70−5/SC−88A/SOT−353
DF SUFFIX
SOLDERING FOOTPRINT*
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
5/6


Similar Part No. - L74VHC1G14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G125 LRC-L74VHC1G125 Datasheet
558Kb / 6P
   Noninverting 3−State Buffer
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
L74VHC1G135 LRC-L74VHC1G135 Datasheet
221Kb / 6P
   2-Input NANDSchmitt-Trigger with Open Drain Output
More results

Similar Description - L74VHC1G14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
   Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74LV14 SLS-SL74LV14 Datasheet
43Kb / 6P
   Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1 Datasheet
198Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
138Kb / 8P
   Hex Schmitt-Trigger Inverter
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com