Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SA1576AXT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SA1576AXT1G
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA1576AXT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SA1576AXT1G Datasheet HTML 1Page - Leshan Radio Company L2SA1576AXT1G Datasheet HTML 2Page - Leshan Radio Company L2SA1576AXT1G Datasheet HTML 3Page - Leshan Radio Company L2SA1576AXT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–50
V
Collector–Base Voltage
V CBO
–60
V
Emitter–Base Voltage
V EBO
–6.0
V
Collector Current — Continuous
I C
–150
mAdc
Collector power dissipation
P C
0.2
W
Junction temperature
T j
150
°C
Storage temperature
T stg
-55 ~+150
°C
DEVICE MARKING
L2SA1576AQT1G =FQ L2SA1576ART1G=FR L2SA1576AST1G =FS
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 50
V
(IC = –1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 6
V
(IE = – 50
µA)
Collector–Base Breakdown Voltage
V (BR)CBO
– 60
V
(IC = – 50
µA)
Collector Cutoff Current
I CBO
– 0.1
µA
(VCB = – 60 V)
Emitter cutoff current
I EBO
– 0.1
µA
(VEB = – 6 V)
Collector-emitter saturation voltage
V CE(sat)
-0.5
V
(IC/IB = – 50 mA / – 5m A)
DC current transfer ratio
h FE
120
––
560
––
(V CE = – 6 V, I C= –1mA)
Transition frequency
f T
140
––
MHz
(V CE = – 12 V, I E= 2mA, f=30MHz )
Output capacitance
C ob
4.0
5.0
pF
(V CB = – 12 V, I E= 0A, f =1MHz )
h FE values are classified as follows:
QR
S
hFE
120~270
180~390
270~560
1
3
2
SC-70/SOT– 323
2
EMITTER
3
COLLECTOR
1
BASE
*
L2SA1576AXT1G
ORDERING INFORMATION
Device
Package
Shipping
L2SA1576AXLT1G
3000/Tape & Reel
SC-70
10000/Tape & Reel
L2SA1576AXLT3G
SC-70
We declare that the material of product compliance with RoHS requirements.


Similar Part No. - L2SA1576AXT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AQLT1G LRC-L2SA1576AQLT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576AQLT1G LRC-L2SA1576AQLT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576AQLT1G LRC-L2SA1576AQLT1G Datasheet
119Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576AQLT3G LRC-L2SA1576AQLT3G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576AQLT3G LRC-L2SA1576AQLT3G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
More results

Similar Description - L2SA1576AXT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com